this document was generated on 06/16/2014 please check www.molex.com for latest part information part number: 22-12-2034 status: active overview: kk? interconnect system - molex description: kk? 254 solid header, right angle, with friction lock, 3 circuits, 0.51m gold (au) plating documents: 3d model product specification ps-10-07 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 7478 application signal, wire-to-board overview kk? interconnect system - molex product name kk? 254 upc 800753592186 physical breakaway no circuits (loaded) 3 circuits (maximum) 3 color - resin natural (white) durability (mating cycles max) 50 flammability 94v-0 glow-wire compliant no lock to mating part yes material - metal brass material - plating mating gold material - resin nylon net weight 0.385/g number of rows 1 orientation right angle pc tail length 3.58mm pcb locator no pcb retention none pcb thickness - recommended 1.60mm packaging type bag pitch - mating interface 2.54mm pitch - termination interface 2.54mm polarized to mating part yes polarized to pcb yes shrouded partial stackable yes temperature range - operating see product specification termination interface: style through hole electrical current - maximum per contact 4a voltage - maximum 250v solder process data duration at max. process temperature (seconds) 5 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 7478 series mates with 2695 , 6471 , 7880 , 4455 , 7720
lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 235 material info old part number a-7478-03a241 reference - drawing numbers product specification ps-10-07, rps-6373-001 this document was generated on 06/16/2014 please check www.molex.com for latest part information
|